Part Number Hot Search : 
8680N S24Q1 MAX75 1210M 3JPXX TGC4403 60182 AN939
Product Description
Full Text Search
 

To Download CTA2F1ASP619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTA2
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562 FEATURES: * Large switching capacity up to 40A * Small size and light weight * PCB pin and quick connect mounting available * Suitable for automobile and lamp accessories * QS-9000, ISO-9002 Certified Manufacturing
26.0 x 26.0 x 24.5 (39.5) mm
CONTACT DATA
Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) 1A: 40A @ 14VDC 1B: 30A @ 14VDC 1C: 40A @ 14VDC N.O. and 30A @ 14VDC N.C. 1U: 2x20A @ 14VDC < 30 milliohms initial AgSnO2 630W 75VDC 40A
Contact Rating
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
COIL DATA
Coil Voltage VDC Coil Resistance 10% Pick Up Voltage VDC (max) 75% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms
Rated
Max.
6 12 24
7.8 15.6 31.2
1.6W 22.5 90 360
1.9W 19 75.8 303.2
4.2 8.4 16.8
0.6 1.2 2.4
1.6 or 1.9
7
5
CAUTION: 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. 2. Pickup and release voltages are for test purposes only and are not to be used as design criteria. 3. When testing, coil terminals should be connected if coil transient suppression is installed in relay.
GENERAL DATA
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min @ 500VDC 750V rms min. @ sea level 500V rms min. @ sea level 147m/s2 for 11ms 1.5mm double amplitude 10-40Hz 8N (Quick Connect), 4N (PCB Pins) -40 C to + 85 C -40 C to + 155 C 230 C 2 C for 10 0.5s 31g
CTA2
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
ORDERING INFORMATION
1. Series: CTA2 1C CTA2 standard CTA2F with mounting flange CTA2M with metal bracket 2.Contact Arrangement: 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 1U = SPST N.O. (2 terminals) 3. Sealing Options: S = Sealed C = Dust Cover 4. Termination: P = PCB Pins Q = Quick Connect 5. Coil Voltage: 6VDC 12VDC 24VDC 6. Coil Power: 1.6 = 1.6W 1.9 = 1.9W 7: Coil Suppression: Blank = Standard D = Diode (1N4005) Cathode on "86" terminal D1 = Diode (1N4004) Cathode on "86" Terminal R = Resistor (680 Ohms) 2D = 2 diodes (1N4005) DR = Diode & Resistor Cathode on "86" Terminal (1N4005 & 680 Ohms) ** Consult factory if other values are needed. 8. Contact Material: Z = AgSnO2
S
Q
12
1.6
Z
DIMENSIONS - CTA2 (Units = mm)
CTA2 with PC Pins
CTA2 with Quick Connects
CTA2
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
DIMENSIONS - CTA3F & CTA2M (Units = mm)
CTA2F with Quick Connects
CTA2M with Quick Connects
SCHEMATICS, PC PIN DIMENSIONS, & PC LAYOUTS (BOTTOM VIEWS)
1A
1B
1C
1U


▲Up To Search▲   

 
Price & Availability of CTA2F1ASP619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X